|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1300 nm Surface Emitting LED in TO-46 Package 13LED20M-TO Typical Optical and Electrical Characteristics Test Conditions: 100 mA forward current, 25oC Device Characteristics Total Output Power Minimum Coupled Power (*) Peak Wavelength: Spectral Width: Rise \ fall Time: Forward Current: Operating Temperature: Storage Temperature: 1 mW 20 W 1300 nm +\- 40 nm 120 nm 6-7 ns 150 mA at 25oC -40 to +85oC -40 to +85oC Absolute Maximum Ratings (*) Coupled to 62.5/125 fiber 829 Flynn Road, Camarillo, CA 93012 tel (805) 445-4500 fax (805) 445-4502 |
Price & Availability of 13LED20M-TO |